전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QPB7432 데이터시트(PDF) 2 Page - Qorvo, Inc

부품명 QPB7432
상세설명  FTTH xPON Video Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432 데이터시트(HTML) 2 Page - Qorvo, Inc

  QPB7432 Datasheet HTML 1Page - Qorvo, Inc QPB7432 Datasheet HTML 2Page - Qorvo, Inc QPB7432 Datasheet HTML 3Page - Qorvo, Inc QPB7432 Datasheet HTML 4Page - Qorvo, Inc QPB7432 Datasheet HTML 5Page - Qorvo, Inc QPB7432 Datasheet HTML 6Page - Qorvo, Inc QPB7432 Datasheet HTML 7Page - Qorvo, Inc QPB7432 Datasheet HTML 8Page - Qorvo, Inc QPB7432 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 2 of 26 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+6 V
Supply Current (IDD)
392 mA
Storage Temperature Range
−40 to +150 °C
Operating Temperature Range
-40 to +85°C
Maximum Junction Temperature
+150 °C
Maximum RF Input Power
-10 dBm
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device.
Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability.
Optical Input Requirements
Parameter
Unit
Min
Typical
Max
Optical Input Power
dBm
−18
0
Optical Modulation Index (OMI)
% / Ch (79ch)
3.5
1550 nm PIN Responsivity
mA/mW
0.95
1550 nm PIN Capacitance
pF
0.35
Optical to Electrical Receiver Application Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (IDD)
Steady state operation
160
mA
Frequency Range
47
1218
MHz
Optical Gain
At 550MHz. O/E gain is defined by 20*log (Zt/75)
44.5
dB
Gain Flatness
±1.5
dB
Tilt
Linear tilt from 45 – 1218 MHz; higher tilt can be
achieved by changing components
6
dB
Equivalent Input Noise
3.5
pA / √Hz
RF Output Level at
547.25 MHz
RF Output Level at 547.25 MHz
+14
dBmV/ch
At 45 MHz
−17
dB
Output Return Loss
At 600 MHz
−15
dB
At 1218 MHz
−18
dB
MER
90MHz to 850MHz, 0dB tilt, 96 channels, 8MHz
spacing. ITU-T Annex A 256 QAM 6.952
Msymbols/s. OMI = 3.5%
32
dB
BER
2.0E-5
Gain Control Range
Using suggested application circuit
30
dB
Notes:
1. Typical performance at these conditions:
Temperature =+25 °C, VDD=+5 V, Optical Input to Electrical RF Out - Receiver reference design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com