전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS6624 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 VS6624
상세설명  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 72Page - STMicroelectronics VS6624 Datasheet HTML 73Page - STMicroelectronics VS6624 Datasheet HTML 74Page - STMicroelectronics VS6624 Datasheet HTML 75Page - STMicroelectronics VS6624 Datasheet HTML 76Page - STMicroelectronics VS6624 Datasheet HTML 77Page - STMicroelectronics VS6624 Datasheet HTML 78Page - STMicroelectronics VS6624 Datasheet HTML 79Page - STMicroelectronics VS6624 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
Register map
VS6624
76/100
Rev 1
0x221b (MSByte)
0x221c (LSByte)
w2_0
Default value
0x00
Purpose
Row 2 Column 0 of YUV matrix
Type
UINT_16
0x2220 (MSByte)
0x221f (LSByte)
w2_1
Default value
0x00
Purpose
Row 2 Column 1 of YUV matrix
Type
UINT_16
0x2223 (MSByte)
0x2224 (LSByte)
w2_2
Default value
0x00
Purpose
Row 2 Column 2 of YUV matrix
Type
UINT_16
0x2227 (MSByte)
0x2228 (LSByte)
YinY
Default value
0x00
Purpose
Y in Y
Type
UINT_16
0x222b (MSByte)
0x222c (LSByte)
YinCb
Default value
0x00
Purpose
Y in Cb
Type
UINT_16
0x2220 (MSByte)
0x222f (LSByte)
YinCr
Default value
0x00
Purpose
Y in Cr
Type
UINT_16
1.
Can be controlled in all stable states
Table 35.
Pipe1 RGB To YUV matrix manual control
Index
Pipe1RgbToYuv(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100