전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS6624Q0KP 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 VS6624Q0KP
상세설명  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624Q0KP 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button VS6624Q0KP Datasheet HTML 17Page - STMicroelectronics VS6624Q0KP Datasheet HTML 18Page - STMicroelectronics VS6624Q0KP Datasheet HTML 19Page - STMicroelectronics VS6624Q0KP Datasheet HTML 20Page - STMicroelectronics VS6624Q0KP Datasheet HTML 21Page - STMicroelectronics VS6624Q0KP Datasheet HTML 22Page - STMicroelectronics VS6624Q0KP Datasheet HTML 23Page - STMicroelectronics VS6624Q0KP Datasheet HTML 24Page - STMicroelectronics VS6624Q0KP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
VS6624
Frame control
Rev 1
21/100
ViewLive Operation
ViewLive is an option which allows a different pipe setup bank to be applied to alternate
frames of the output data.
The controls for VIewLive function are found in the register bank where the fEnable register
allows the host to enable or disable the function and the binitialPipeSetupBank register
selects which pipe setup bank is output first.
When ViewLive is enabled the output data switches between
Pipe setup bank0 and Pipe
setup bank1 on each alternate frame.
Figure 5.
ViewLive frame output format
Interframe Blanking
Active Video
Pipe setup bank0
Interline
Blanking
Interline
Blanking
Interframe Blanking
Active Video
Pipe setup bank1
Frame output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100