전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC7300 데이터시트(PDF) 14 Page - Microchip Technology

부품명 MIC7300
상세설명  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 데이터시트(HTML) 14 Page - Microchip Technology

Back Button MIC7300 Datasheet HTML 10Page - Microchip Technology MIC7300 Datasheet HTML 11Page - Microchip Technology MIC7300 Datasheet HTML 12Page - Microchip Technology MIC7300 Datasheet HTML 13Page - Microchip Technology MIC7300 Datasheet HTML 14Page - Microchip Technology MIC7300 Datasheet HTML 15Page - Microchip Technology MIC7300 Datasheet HTML 16Page - Microchip Technology MIC7300 Datasheet HTML 17Page - Microchip Technology MIC7300 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MIC7300
DS20006305A-page 14
 2020 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Example
5-Lead SOT23*
XXX
A17
(Front)
Example
5-Lead SOT23*
NNN
505
(Back)
8-Lead MSOP*
XXXX
XXX
(Front)
8-Lead MSOP*
(Back)
XXXX
Example
7300
YMM
Example
8521
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22