전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70210 데이터시트(PDF) 6 Page - Microchip Technology

부품명 PD70210
상세설명  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 데이터시트(HTML) 6 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 2Page - Microchip Technology PD70210 Datasheet HTML 3Page - Microchip Technology PD70210 Datasheet HTML 4Page - Microchip Technology PD70210 Datasheet HTML 5Page - Microchip Technology PD70210 Datasheet HTML 6Page - Microchip Technology PD70210 Datasheet HTML 7Page - Microchip Technology PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1.1
Detail Description
PD70100/PD70200 IC provides IEEE 802.3af/at compliant PD Front-End functions including Detection, Physical
Layer Classification, Two-Events Classification (PD70200 only), Auxiliary Voltage Output, Power Good, Soft Start
Current Limiting, Over-Current Protection, and Bulk Capacitor Discharge.
1.1.1
Detection
IEEE 802.3af/at compliant detection is provided by a 24.9 KΩ resistor connected between VPP and RDET pin. RDET
pin is connected to VPNIN via an open drain MOSFET with a maximum specified RDSON of 50 Ω. Internal logic
monitors VPP to VPNIN and connects the RDET pin to VPNIN when the rising VPP to VPNIN voltage is between 2.5 V
and 10.1 V. When rising VPP to VPNIN voltage exceeds 10.1 V, the MOSFET is switched off. Once above 10.1 V,
falling VPP to VPNIN voltage between 2.45 V and 4.85 V will reconnect RDET pin to VPNIN.
1.1.2
Physical Layer Classification
Physical Layer (hardware) Classification per IEEE 802.3af/at is generated via a regulated reference voltage of 1.2 V,
switched onto the RCLASS pin. Internal logic monitors the VPP to VPNIN voltage and connects the 1.2 V reference to
RCLASS pin at a rising VPP to VPNIN voltage threshold between 11.1 V and 13.5 V. Once VPP to VPNIN has exceeded
the rising threshold, there is a 1 V minimum hysteresis between the VPP rising (turn-on) threshold and the VPP falling
(turn-off) threshold.
The 1.2 V reference stays connected to the RCLASS pin until the VPP to VPNIN rising voltage exceeds the upper turn-
off threshold of 20.9 V to 23.9 V. The 1.2 V reference voltage is disconnected from the RCLASS pin at VPP to VPNIN
voltages above the upper threshold.
Classification current signature is provided via a resistor connected between RCLASS pin and VPNIN. The
classification current is therefore the current drawn by the PD70100/PD70200 IC during the classification phase, and
is simply the 1.2 V reference voltage divided by the RCLASS resistor value. The maximum current available at the
RCLASS pin is current limited to 55 mA (typical).
1.1.3
Two-Events Detection and AT Flag
The PD70200 IC provides IEEE 802.3at Type 2 compliant detection of the “Two Events Classification Signature”, and
generation of the AT flag. This feature is available on the PD70200 IC only.
Simply put, the “Two Events Classification Signature” is a means by which an IEEE 802.3at Type 2 Power Source
can inform a compliant Power Device (PD) that it is AT Type 2 compliant, and as such is capable of providing AT
Type 2 power levels.
The Power Source communicates with a Type 2 compliant signature by toggling the VPP to VPNIN voltage twice (2
“events”) during the Physical Layer Classification phase. The VPP to VPNIN voltage is toggled from the Physical Layer
Classification’s voltage level (13.5 V to 20.9 V) down to a voltage “Mark” level. Voltage “Mark” level is specified as a
VPP to VPNIN voltage of 4.9 V to 10.1 V.
PD70200 IC recognizes a VPP to VPNIN falling edge from Classification level to Mark level as being one event of the
Two-Events Signature. If two such falling edges are detected, PD70200 will assert AT flag by means of an open drain
MOSFET connected between AT_FLAG pin and VPNOUT.
AT_FLAG pin is active low; a low impedance state between AT_FLAG and VPNOUT indicates a valid Two-Events
Classification Signature was received, and the Power Source is AT Type 2 compliant.
AT_FLAG MOSFET is capable of 5 mA of current and can be pulled up to VPP.
1.1.4
Soft Start and Inrush Current Protection
PD70100/PD70200 IC contains an internal isolation switch, that provides ground isolation between Power Source
and PD application during Detection and Classification phases. The isolation switch is a N-channel MOSFET, wired in
a common source configuration where the MOSFET’s Source is connected to Power Source ground at VPNIN, and
the MOSFET’s Drain is connected to application’s primary ground at VPNOUT.
Internal logic monitors VPP to VPNIN voltage and keeps the MOSFET in a high impedance state until VPP to VPNIN
voltage reaches turn-on threshold of 36 V to 42 V. Once VPP to VPNIN voltage exceeds this threshold, the MOSFET is
switched into one of two modes.
PD70100/PD70200
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com