| 전자부품 데이터시트 검색엔진 |
|
HSC75680RG 데이터시트(PDF) 4 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HSC75680RG 데이터시트(HTML) 4 Page - TE Connectivity Ltd |
|
4 / 4 page ![]() How to Order HS A 50 680R J Common Part Mounting Style 10 Watt = HSA5 16 Watt = HSA10 25 Watt = HSA25 50 Watt = HSA50 75 Watt = HSA75 etc Power Rating Resistance Value HS - Standard NHS - Low Inductance 0.1ohm (100 mille ohms) R10 1ohm (1000 mille ohms) 1R0 1K (1000 ohms) 1KO Tolerance F - 1% G - 2% E - 3% J - 5% K - 10% A - Single Opposing mounting Feet B - Flange One Side C - Flange Two Sides M L H M L H M L H H 2 x Mounting Hole HSA5 - 2.4mm HSA10 - 2.4mm HSA25 - 3.3mm HSA50 - 3.3mm 4 x Mounting Hole HSC75 - 4.4mm HSC100 - 4.4mm HSC150 - 4.4mm 6 x Mounting Hole HSC200 - 5.3mm HSC250 - 5.3mm HSC300 - 6.5mm Dimensions - HSA5 - HSA50 HSC200+ HSC75 - HSC150 Type H±0.3 J±0.3 K±0.2 L Max M Max N Max P Max R Min T±0.5 U Max HSA5 11.3 12.4 2.4 17.0 30.0 17.0 9.0 1.9 4.3 2.5 HSA10 14.3 15.9 2.4 21.0 36.5 21.0 11.0 1.9 5.2 3.2 HSA25 18.3 19.8 3.3 29.0 51.0 28.0 15.0 2.8 7.2 3.2 HSA50 39.7 21.4 3.3 51.0 72.5 30.0 17.0 2.8 8.2 3.2 HSC75 29.0 37.0 4.4 49.0 71.0 47.5 26.0 5.0 11.5 3.5 HSC100 35.0 37.0 4.4 65.5 87.5 47.5 26.0 5.0 11.5 3.5 HSC150 58.0 37.0 4.4 98.0 122.0 47.5 26.0 5.0 11.5 3.5 HSC200 35.0 57.2 5.3 90.0 143.0 73.0 42.0 5.6 20.25 5.3 HSC250 44.5 57.2 5.3 109.0 163.0 73.0 42.0 5.6 20.25 5.3 HSC300 52.0 59.0 6.5 128.0 180.0 73.0 42.0 5.6 20.25 5.3 Aluminium Housed Power Resistors Type HS Series TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and Company names mentioned herein may be trademarks of their respective owners. While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili- ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications. |