| 전자부품 데이터시트 검색엔진 |
|
SML-C8-M2 데이터시트(PDF) 13 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SML-C8-M2 데이터시트(HTML) 13 Page - M-System Co.,Ltd. |
|
13 / 17 page ![]() MODEL: SML SML SPECIFICATIONS ES-6371 Rev.4 Page 13/17 http://www.m-system.co.jp/ ANALOG I/O MODULE (Ai 2 points (isolated between chs) + Ao 2 points (isolated between chs, current output) MODEL: SML–R2–[1] ORDERING INFORMATION • Code number: SML-R2-[1] Specify a code from below for [1]. (e.g. SML-R2-M2) [1] POWER INPUT AC Power M2: 100 – 240 V AC DC Power R: 24 V DC GENERAL SPECIFICATIONS Connection: M3.5 screw terminals Isolation: NestBus to input 1 to input 2 to output 1 to output 2 to RUN contact output to power to FG INPUT SPECIFICATIONS ■ Analog Input Input: DC voltage, 2 points (isolated between chs) Operational range: 0.5 – 5.5 V DC (1 – 5 V DC) Input resistance: ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ Analog Output Output: DC Current, 2 points (isolated between chs) Operational range: 3.2 – 20.8 mA DC (4 - 20 mA DC) Load resistance: ≤ 300 Ω PERFORMANCE in percentage of span A/D conversion: ±0.1 % D/A conversion: ±0.1 % Temp. coefficient: Input: ±0.015%/°C (±0.008%/°F) Output: ±0.015%/°C (±0.008%/°F) EXTERNAL VIEW T1 PWR RUN T2 T3 T4 T5 T6 Card No. Set SW Modular Jack Euro Type Connector Terminal Run Indicator LED Jumper Pin Power Indicator LED I/O TERMINAL CONNECTION 10 2 11 3 5 12 4 6 15 9 1 Ao 1 (+) Ai 2 (–) Ai 2 (+) Ai 1 (–) Ai 1 (+) Ao 2 (–) Ao 2 (+) Ao 1 (–) Base Socket Enclosing broken lines indicate insulation sections. |