| 전자부품 데이터시트 검색엔진 |
|
PLL602-01SC 데이터시트(PDF) 2 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL602-01SC 데이터시트(HTML) 2 Page - PhaseLink Corporation |
|
2 / 4 page ![]() PLL602-01 Low Phase Noise XO (24MHz to 50MHz) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2 PIN DESCRIPTIONS Name Number Type Description CLK 1 O Output clock. VDD 2 P +3.3V power supply. OE 3 I Output enable input. Disables (tri-state) output when low. Internal pull-up enables output by default if pin is not connected to low. XIN 4 I Crystal input. See Crystal Specifications on page 3. XOUT 5 I Crystal output. See Crystal Specifications on page 3. N/C 6 - Not connected. GND 7, 8 P Ground. ELECTRICAL SPECIFICATIONS 1. Absolute Maximum Ratings PARAMETERS SYMBOL MIN. MAX. UNITS Supply Voltage VDD 4.6 V Input Voltage, dc VI -0.5 VDD+0.5 V Output Voltage, dc VO -0.5 VDD+0.5 V Storage Temperature TS -65 150 °C Ambient Operating Temperature* TA -40 85 °C Junction Temperature TJ 125 °C Lead Temperature (soldering, 10s) 260 °C ESD Protection, Human Body Model 2 kV Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con- ditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only. 2. DC Electrical Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Supply Current, Dynamic, with Loaded Outputs IDD FXIN = 12 - 25MHz Output load of 10pF 16 20 mA Operating Voltage VDD 2.97 3.63 V IOH VOH= VDD-0.4V, VDD=3.3V 30 mA Output drive current (High Drive) IOL VOL = 0.4V, VDD = 3.3V 30 mA IOH VOH= VDD-0.4V, VDD=3.3V 10 mA Output drive current (Standard Drive) IOL VOL = 0.4V, VDD = 3.3V 10 mA Short Circuit Current ±50 mA |