| 전자부품 데이터시트 검색엔진 |
|
SES-2CC-P/E 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SES-2CC-P/E 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: SES SES SPECIFICATIONS ES-1646 Rev.3 Page 2/4 http://www.m-system.co.jp/ SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Selecting operation: Automatic Simple loop test output: 0 % and 100 % signal simulated by selecting the front switch positions. (Only for option code /E2) ■ DISPLAY (LCD meter) • Option code: /E LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %) (No scaling) • Option code: /E2 LCD digital display: Engineering unit Display scaling: -10000 – +10000 Decimal position: 10-1 - 10-4 or no decimal point Engineering unit: %, μV, mV, V, mA, A, °C, °F, Ω, DEG K, mHz, Hz, kHz, VAC, AAC, mg, g, kg, t, rpm or rps selectable Back light: Green at normal, red at loop test output enable Factory setting: scaling 0.00 - 100.00, unit: % INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; 5 mA for negative voltage output; at ≥ 0.5 V INSTALLATION Power input •AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 2 VA (approx. 3 VA with Option /E2) •DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating ripple 10 %p-p max. approx. 2.5 W (110 mA at 24 V; approx. 3.5 W with Option /E2) Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 400 g (0.88 lb) PERFORMANCE in percentage of span Accuracy: ±0.2 % Display accuracy: ± (0.2 % of FS + 1 digit) Simple loop test output setting accuracy: ±0.5 % Selecting sensitivity: 0.5% Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: ≤ 0.5 sec. (0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) |