| 전자부품 데이터시트 검색엔진 |
|
PLL701-10DI 데이터시트(PDF) 7 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL701-10DI 데이터시트(HTML) 7 Page - PhaseLink Corporation |
|
7 / 8 page ![]() PLL701-10 Low EMI Spread Spectrum Multiplier IC (in Die or Package) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 7 PAD ASSIGNMENT (LOWER LEFT CORNER: X = 0, Y = 0) Pad # Name X ( µm) Y ( µm) 1 SC2 338.9 104.7 2 N/C 569 104.7 3 N/C 780.5 104.7 4 GND 1027.6 104.7 5 GND 1127.3 104.7 6 GND 1284.5 104.7 7 GNDBUF 1595.1 139.7 8 FOUT 1595.1 381.7 9 N/C 1595.1 596.3 10 OE 1595.1 811.9 11 N/C 1595.1 970.3 12 SC3 1595.1 1069.3 13 VDD (Optional) 1595.1 1312.3 14 VDD (Optional) 1595.1 1555.6 15 VDD 1595.1 1656.8 16 REF/SD1 1595.1 1879.9 17 AVDD 1595.1 2093 18 AVDD 1595.1 2390.6 19 AVDD 1369.2 2435 20 GND (Optional) 1037.3 2435 21 GND (Optional) 824.7 2435 22 XIN 529.7 2435 23 XOUT/SD0 105.6 2343.5 24 N/C 105.6 2136.1 25 GNDOSC 105.6 2035.6 26 N/C 105.6 1934.9 27 N/C 105.6 1741.5 28 M2 105.6 1641.4 29 M1 105.6 1396.2 30 N/C 105.6 1180.3 31 N/C 105.6 993.5 32 N/C 105.6 836.7 33 N/C 105.6 680.1 34 SC0 105.6 354.9 35 SC1 105.6 110.7 |