| 전자부품 데이터시트 검색엔진 |
|
RAZ42111AM 데이터시트(PDF) 3 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
RAZ42111AM 데이터시트(HTML) 3 Page - Pulse A Technitrol Company |
|
3 / 19 page ![]() Issue: 1742 In the effort to improve our products, we reserve the right to make changes judged to be necessary. CONFIDENTIAL AND PROPRIETARY INFORMATION This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Description: GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount Series: RAZORBACK PART NUMBER: RAZ32011AM, RAZ32012AM, RAZ42111AM, RAZ42112AM, RAZ52211AM, RAZ52212AM, RAZ62311AM, RAZ62312AM 3 Length/Height/Width 195.1mm (7.68”)/92.6 (3.65”)/88.5mm (3.48”) Weight 856 g (1.9 lbs) Antenna Color / Material Black or White / PC/ABS, UV protected Cable / Connector 2x LTE, 5.2m (17’) LMR-195/SMA-Male 1x, 2x or 3x WiFi, 5.2m (17’) LMR-195/RP-SMA-Male GNSS, 5.2m (17’) RG-174/SMA-Male Mounting Configuration Adhesive Mount Operating Temperature -40/+85° C Ingress Protection IP67 RoHS Compliant Yes ENVIRONMENTAL SPECIFICATIONS OTHER SPECIFICATIONS Total cable assembly loss for 5.2m (17’) LMR-195 @ 850MHz 2.1 dB Total cable assembly loss for 5.2m (17’) RG-174 @ 1575MHz 6.0 dB Total cable assembly loss for 5.2m (17’) LMR-195 @ 1930MHz 3.2 dB Total cable assembly loss for 5.2m (17’) LMR-195 @ 2500MHz 3.7 dB Total cable assembly loss for 5.2m (17’) LMR-195 @ 2450MHz 3.6 dB Total cable assembly loss for 5.2m (17’) LMR-195 @ 5350MHz 5.5 dB MECHANICAL SPECIFICATIONS Out of Band Rejection 960MHz >65 dB, 1710MHz >60 dB, 2170MHz >65 dB, 2400MHz >65 dB Noise Figure < 2.4dB Operating Voltage 3.3 - 5 Vdc 0.5 V Current Consumption < 11 mA ELECTRICAL SPECIFICATIONS |