전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC14WAMDECTSF01T 데이터시트(PDF) 35 Page - Dialog Semiconductor

부품명 SC14WAMDECTSF01T
상세설명  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECTSF01T 데이터시트(HTML) 35 Page - Dialog Semiconductor

Back Button SC14WAMDECTSF01T Datasheet HTML 28Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 29Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 30Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 31Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 32Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 33Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 34Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 35Page - Dialog Semiconductor SC14WAMDECTSF01T Datasheet HTML 36Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
35 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
11.0 Revision history
19-Nov-2013
v1.0:
• Initial version
27-Nov-2013
v1.1:
• Antenna diversity description updated in sections
4.4 and 5.6.2.
14-Jan-2014
v1.11:
• Updated connection diagram, Pin description,
Speaker configuration (section 3.3).
• Added section 6.7 (Audio performance).
14-Jan-2014
v1.12:
• Corrected Pin description.
• Updated Table 5 and Battery low/empty voltage in
section 5.1.
• Updated section 10.3.
11-Feb-2014
v1.13:
• Corrected section 10.3.
18-Mar-2014
v1.20:
• Corrected system diagram.
• Corrected pin description for pin #26.
• Description for pin RED_LED2 updated.
• Added "Example application diagrams" on page
27.
27-Mar-2014
v1.21:
• Feature list updated.
29-Aug-2014
v1.22:
• Text changed for J-DECT certify as “Pre-certified”.
• Explanation for the Pin description changed.
• Volume control section updated.
• Low battery indication added in section 5.5.
• Added explanation for RF1 in section 5.6.
• KDECT explanation added.
• PTT changed to AIPP and AOFP.
• Accessory Input (AIPP) and output (AOPP) sec-
tion added (section 5.1.5).
• Wire registration added to section 3.4 and section
4.5.
• Usage Guidelines (section 5.0) updated.
10-Oct-2014
v1.23:
• Updated latency value for TG mode.
• Added low power mode.
23-Jul-2015
v3.0 (Final):
• Product status: Production.
• Korean DECT mode removed: not supported.
• Section 1.0:
• Connection diagram updated (Figure 1).
• PP and FP removed from pin names.
• Unused pins changed to NC.
• Pins AIPP and AOFP renamed to ACC_IN and
ACC_OUT.
• Pin 11 (GND) renamed to VREFm.
• Added pins ACCESS_0 to ACCESS_5 (pins
65, 15, 69 to 66).
• Removed battery management section (charging
is not supported).
• Supply currents moved from section 6.8 to new
section 6.4.
• Updated supply currents (Table 12 and Table 13).
• Example application diagrams added for PA and
TG mode.
• Section 10.0:
• Reflow soldering profile updated (Figure 17).
• Soldering stencil thickness changed to
0.130 mm.
• Package outline drawing updated (Figure 21).
• Back page:
• Status definition table updated.
• Contact information updated.
• Template updated to latest version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36