전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG47004 데이터시트(PDF) 13 Page - Dialog Semiconductor

부품명 SLG47004
상세설명  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47004 데이터시트(HTML) 13 Page - Dialog Semiconductor

Back Button SLG47004 Datasheet HTML 9Page - Dialog Semiconductor SLG47004 Datasheet HTML 10Page - Dialog Semiconductor SLG47004 Datasheet HTML 11Page - Dialog Semiconductor SLG47004 Datasheet HTML 12Page - Dialog Semiconductor SLG47004 Datasheet HTML 13Page - Dialog Semiconductor SLG47004 Datasheet HTML 14Page - Dialog Semiconductor SLG47004 Datasheet HTML 15Page - Dialog Semiconductor SLG47004 Datasheet HTML 16Page - Dialog Semiconductor SLG47004 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 292 page
background image
Datasheet
10-Mar-2021
CFR0011-120-00
Revision 2.4
13 of 292
© 2021 Dialog Semiconductor
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Preliminary
2
Pinout
2.1 PIN CONFIGURATION - STQFN-24L
Table 1: Functional Pin Description
Pin No.
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
STQFN 24L
1
VDDA
VDDA
Analog Power Supply
--
--
2
AGND
AGND
Analog Ground
--
--
3
OA0-
OA0-
Op Amp0
Inverting Input
Analog
--
4
OA0+
OA0+
Op Amp0
Non-Inverting Input
Analog
--
5
OA0_OUT
OA0_OUT
Op Amp0 Output
--
Analog
ACMP0L+
Analog Comparator 0 Positive In-
put
Analog
--
6
RH0_A
RH0_A
Digital Rheostat 0
Terminal A
--
--
Pin # Signal Name Pin Functions
1
VDDA
Analog Power Supply
2
AGND
Analog Ground
3
OA0-
Op Amp0 Inverting Input
4
OA0+
Op Amp0 Non-Inverting Input
5
OA0_OUT Op Amp0_OUT/ACMP0L+ /
6
RH0_A
Digital Rheostat 0 Terminal A
7
RH0_B
Digital Rheostat 0 Terminal B
8
RH1_A
Digital Rheostat 1 Terminal A
9
RH1_B
Digital Rheostat 1 Terminal B
10
SCL
I2C_SCL
11
SDA
I2C_SDA
12
IO0
GPIO, ACMP0L-, ACMP1L-, EXT_OSC0_IN,
Vref0_Out or Temp_Sens_Out
13
VDD
Digital Power Supply
14
GND
Digital Ground
15
IO1
GPIO, Chop_ACMP+, Vref1_OUT or
Temp_Sens_Out, EXT_OSC1_IN or SLA_0
16
IO2
GPIO, ACMP0L+, EXT_OSC2_IN, SLA_1
17
IO3
GPIO, AS_1_A, ACMP1L+ or SLA_2
18
IO4
GPIO, AS_1_B, Chop_ACMP-or SLA_3
19
IO5
GPIO, AS_0_B
20
IO6
GPIO, AS_0_A, HD_Buff_Out, In Amp_Vref
21
I0
GPI, In Amp_OUT
22
OA1_OUT Op Amp1_OUT, ACMP1L+
23
OA1+
Op Amp1 Non-inverting Input
24
OA1-
Op Amp1 Inverting Input
Legend:
IO2
IO3
IO4
OA0+
OA0-
2
3
4
16
17
18
AGND
VDDA
1
RH0_A
OA0_OUT
5
6
GND
IO1
14
15
VDD
13
8
9
10
22
23
24
STQFN-24
21
7
(Top View)
11
12
20 19
ACMPx+: ACMPx Positive Input
ACMPx-: ACMPx Negative Input
SCL: I2
C Clock Input
SDA: I2C Data Input/Output
Vrefx: Voltage Reference Output
SLA: Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com