전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7016 데이터시트(PDF) 16 Page - OSRAM GmbH

부품명 SFH7016
상세설명  ?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7016 데이터시트(HTML) 16 Page - OSRAM GmbH

Back Button SFH7016 Datasheet HTML 12Page - OSRAM GmbH SFH7016 Datasheet HTML 13Page - OSRAM GmbH SFH7016 Datasheet HTML 14Page - OSRAM GmbH SFH7016 Datasheet HTML 15Page - OSRAM GmbH SFH7016 Datasheet HTML 16Page - OSRAM GmbH SFH7016 Datasheet HTML 17Page - OSRAM GmbH SFH7016 Datasheet HTML 18Page - OSRAM GmbH SFH7016 Datasheet HTML 19Page - OSRAM GmbH SFH7016 Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SFH 7016
16 Version 1.3 | 2021-05-27
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this 
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light 
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. 
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20