전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLL502-39OC-R 데이터시트(PDF) 7 Page - PhaseLink Corporation

부품명 PLL502-39OC-R
상세설명  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLL [PhaseLink Corporation]
홈페이지  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-39OC-R 데이터시트(HTML) 7 Page - PhaseLink Corporation

  PLL502-39OC-R Datasheet HTML 1Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 2Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 3Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 4Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 5Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 6Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 7Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 8Page - PhaseLink Corporation PLL502-39OC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 7
10. PECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Output High Voltage
VOH
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
Ω to (VDD – 2V)
(see figure)
VDD – 1.620
V
11. PECL Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Clock Rise Time
tr
20%~80% of Waveform
0.6
1.5
ns
Clock Fall Time
tf
20%~80% of Waveform
0.6
1.5
ns
OUT
OUT
50
Ω
50
Ω
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
t
R
t
F
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
t
SKEW
PECL Output Skew
2.0V



Html Pages

1 2 3 4 5 6 7 8 9