| 전자부품 데이터시트 검색엔진 |
|
PLL502-39QC-R 데이터시트(PDF) 7 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL502-39QC-R 데이터시트(HTML) 7 Page - PhaseLink Corporation |
|
7 / 9 page ![]() PLL502-35/-37/-38/-39 750kHz – 800MHz Low Phase Noise Multiplier VCXO Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 7 10. PECL Electrical Characteristics PARAMETERS SYMBOL CONDITIONS MIN. MAX. UNITS Output High Voltage VOH VDD – 1.025 V Output Low Voltage VOL RL = 50 Ω to (VDD – 2V) (see figure) VDD – 1.620 V 11. PECL Switching Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Clock Rise Time tr 20%~80% of Waveform 0.6 1.5 ns Clock Fall Time tf 20%~80% of Waveform 0.6 1.5 ns OUT OUT 50 Ω 50 Ω PECL Levels Test Circuit PECL Transistion Time Waveform OUT OUT 50% 20% 80% t R t F VDD DUTY CYCLE 45 - 55% 55 - 45% 50% OUT OUT t SKEW PECL Output Skew 2.0V |