| 전자부품 데이터시트 검색엔진 |
|
MPC866PCZP100A 데이터시트(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC866PCZP100A 데이터시트(HTML) 83 Page - NXP Semiconductors |
|
83 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 83 Mechanical Data and Ordering Information UPWAITB GPL_B4 B1 Bidirectional GPL_A5 D3 Output PORESET R2 Input RSTCONF P3 Input HRESET N4 Open-drain SRESET P2 Open-drain XTAL P1 Analog Output EXTAL N1 Analog Input (3.3V only) CLKOUT W3 Output EXTCLK N2 Input (3.3V only) TEXP N3 Output ALE_A MII-TXD1 K2 Output CE1_A MII-TXD2 B3 Output CE2_A MII-TXD3 A3 Output WAIT_A SOC_Split2 R3 Input WAIT_B R4 Input IP_A0 UTPB_Split02 MII-RXD3 T5 Input IP_A1 UTPB_Split12 MII-RXD2 T4 Input IP_A2 IOIS16_A UTPB_Split22 MII-RXD1 U3 Input IP_A3 UTPB_Split32 MII-RXD0 W2 Input IP_A4 UTPB_Split42 MII-RXCLK U4 Input Table 39. Pin Assignments (continued) Name Pin Number Type |