전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843AM-75 데이터시트(PDF) 7 Page - Integrated Circuit Systems

부품명 ICS843AM-75
상세설명  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AM-75 데이터시트(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS843AM-75 Datasheet HTML 3Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 4Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 5Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 6Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 7Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 8Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 9Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 10Page - Integrated Circuit Systems ICS843AM-75 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
843AG-75
www.icst.com/products/hiperclocks.html
REV. A JANUARY 9, 2006
7
Integrated
Circuit
Systems, Inc.
ICS843-75
75MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
TERMINATION FOR 3.3V LVPECL OUTPUT
The clock layout topology shown below is a typical termination
for LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs.Therefore, terminat-
ing resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
FIGURE 2B. LVPECL OUTPUT TERMINATION
FIGURE 2A. LVPECL OUTPUT TERMINATION
drive 50
Ω transmission lines.Matched impedance techniques
should be used to maximize operating frequency and minimize
signal distortion. Figures 2A and 2B show two different layouts
which are recommended only as guidelines. Other suitable clock
layouts may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
FREQUENCY STABILITY
The table shown below provides a basic guideline in se-
lecting the proper quartz crystal that meets a timing budget
of ±100ppm. For more information on selecting the proper
r
e
t
e
m
a
r
a
Pl
a
c
i
p
y
Ts
t
i
n
U
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
3
±
m
p
p
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
0
3
±
m
p
p
s
r
a
e
Y
0
1
r
o
f
g
n
i
g
A5
1
±m
p
p
r
o
t
a
ll
i
c
s
O
S
C
I
f
o
y
c
a
r
u
c
c
A0
1
±m
p
p
y
c
a
r
u
c
c
A
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L3
±m
p
p
r
o
r
r
E
g
n
i
m
i
T
l
l
a
r
e
v
O
l
a
t
o
T
8
8
±m
p
p
crystal, see the application note, Crystal Timing Budget
and Accuracy for FemtoClock™ .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com