전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843AMI-75LF 데이터시트(PDF) 4 Page - Integrated Circuit Systems

부품명 ICS843AMI-75LF
상세설명  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AMI-75LF 데이터시트(HTML) 4 Page - Integrated Circuit Systems

  ICS843AMI-75LF Datasheet HTML 1Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 2Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 3Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 4Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 5Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 6Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 7Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 8Page - Integrated Circuit Systems ICS843AMI-75LF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
4
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
TABLE 4. CRYSTAL CHARACTERISTICS (NOTE 1)
TABLE 5. AC CHARACTERISTICS, V
CC = VCCO = 3.3V±0.3V, T
A
= 0°C TO 70°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
5
2z
H
M
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
3
±m
p
p
g
n
i
t
a
r
e
p
O
r
e
v
O
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
0
3
±m
p
p
C
(
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
L
2
E
T
O
N
;
)
8
1F
p
s
r
a
e
Y
0
1
r
o
f
g
n
i
g
A
5
1
±m
p
p
l
e
v
e
L
e
v
i
r
D
1W
m
.
y
c
a
r
u
c
c
a
m
p
p
0
0
1
±
t
e
g
r
a
t
e
v
o
b
a
n
w
o
h
s
s
r
e
t
e
m
a
r
a
p
e
h
t
,
e
g
a
k
c
a
p
D
M
S
S
U
/
9
4
C
H
n
a
g
n
i
s
U
:
1
E
T
O
N
e
e
S
:
2
E
T
O
N
e
c
a
f
r
e
t
n
I
t
u
p
n
I
l
a
t
s
y
r
C
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
n
i
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
2
.
6
0
1z
H
M
t
J
D
1
E
T
O
N
;
r
e
t
t
i
J
c
i
t
s
i
n
i
m
r
e
t
e
D
4
2
.
0s
p
t
J
R
1
E
T
O
N
;
r
e
t
t
i
J
m
o
d
n
a
R
3s
p
t
S
M
R
(
n
o
i
t
u
b
i
r
t
s
i
D
l
a
t
o
T
f
o
S
M
R
σ ;)
2
E
T
O
N
2
1
.
3s
p
t
p
-
p
1
E
T
O
N
;
r
e
t
t
i
J
k
a
e
P
-
o
t
-
k
a
e
P
4
2s
p
t
C
S
O
e
m
i
T
p
U
t
r
a
t
S
n
o
i
t
a
ll
i
c
s
O
0
1s
m
t
R
t
/
F
t
u
p
t
u
O
e
m
i
T
ll
a
F
/
e
s
i
R
0
Q
%
0
8
o
t
%
0
2
0
0
10
0
5s
p
1
Q
n
/
1
Q0
5
20
0
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
0
0
0
3
-
A
I
S
t
s
e
r
c
e
v
a
W
g
n
i
s
u
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
4
1
y
b
d
e
d
i
v
i
d
t
l
u
s
e
r
R
E
B
2
1
-
e
0
1
@
j
T
,
0
0
0
3
-
A
I
S
t
s
e
r
c
e
v
a
W
g
n
i
s
u
d
e
r
u
s
a
e
M
:
2
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com