전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9141 데이터시트(PDF) 37 Page - Dialog Semiconductor

부품명 DA9141
상세설명  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9141 데이터시트(HTML) 37 Page - Dialog Semiconductor

Back Button DA9141 Datasheet HTML 33Page - Dialog Semiconductor DA9141 Datasheet HTML 34Page - Dialog Semiconductor DA9141 Datasheet HTML 35Page - Dialog Semiconductor DA9141 Datasheet HTML 36Page - Dialog Semiconductor DA9141 Datasheet HTML 37Page - Dialog Semiconductor DA9141 Datasheet HTML 38Page - Dialog Semiconductor DA9141 Datasheet HTML 39Page - Dialog Semiconductor DA9141 Datasheet HTML 40Page - Dialog Semiconductor DA9141 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC Converter
Datasheet
Revision 1.6
25-Aug-2021
CFR0011-120-00
37 of 46
© 2021 Dialog Semiconductor
Table 42: BUCK_BUCK1_1 (0x0021)
Bit
Type
Field Name
Description
Reset
[6:4]
RW
CH1_SR_SHDN
Voltage slew-rate during shut-down
Value
Description
0x0
10 mV / 8 us
0x1
10 mV / 4 us
0x2
10 mV / 2 us
0x3
10 mV / 1 us
0x4
20 mV / 1 us
0x5
Reserved
0x6
Reserved
0x7
Immediate power-down
0x4
[3:1]
RW
CH1_SR_STARTUP
Voltage slew-rate during start-up
Value
Description
0x0
10 mV / 8 us
0x1
10 mV / 4 us
0x2
10 mV / 2 us
0x3
10 mV / 1 us
0x4
20 mV / 1 us
0x5
40 mV / 1 us
0x6
Reserved
0x7
Reserved
0x4
[0]
RW
CH1_PD_DIS
LX Pull down while BUCK is off. Write 0x1 to
disable this function.
0x0
Table 43: BUCK_BUCK1_2 (0x0022)
Bit
Type
Field Name
Description
Reset
[3:0]
RW
CH1_ILIM
Select OCP threshold (A)
Value
Description
0x0
Reserved
0x1
6.5
0x2
7.5
0x3
8.5
0x4
9.5
0x5
10.5
0x6
11.5
0x7
12.5
0x8
13.5
0x9
14.5
0x9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com