전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA16200 데이터시트(PDF) 90 Page - Dialog Semiconductor

부품명 DA16200
상세설명  Ultra Low Power Wi-Fi SoC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200 데이터시트(HTML) 90 Page - Dialog Semiconductor

Back Button DA16200 Datasheet HTML 86Page - Dialog Semiconductor DA16200 Datasheet HTML 87Page - Dialog Semiconductor DA16200 Datasheet HTML 88Page - Dialog Semiconductor DA16200 Datasheet HTML 89Page - Dialog Semiconductor DA16200 Datasheet HTML 90Page - Dialog Semiconductor DA16200 Datasheet HTML 91Page - Dialog Semiconductor DA16200 Datasheet HTML 92Page - Dialog Semiconductor DA16200 Datasheet HTML 93Page - Dialog Semiconductor DA16200 Datasheet HTML 94Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.3
03-Feb-2021
CFR0011-120-00
90 of 94
© 2021 Dialog Semiconductor
Table 69: Typical Reflow Profile (Lead Free): J-STD-020C
Profile Feature
Lead Free SMD
Average ramp up rate (Tsmax to Tp)
3 °C/s Max.
Preheat
● Temperature Min (Tsmin)
● Temperature Max (Tsmax)
● Time (Tsmax to Tsmin)
● 150 °C
● 200 °C
● 60 to 180 seconds
Time maintained above
● Temperature (TL)
● Time (tL)
● 217 °C
● 60 to 150 seconds
Peak/Classification temperature (Tp)
260 °C
Time within 5 °C of peak temperature (tp)
20 to 40 seconds
Ramp down rate
6 °C/s Max.
Time from 25 °C to peak temperature
8 minutes Max.
Figure 73: Reflow Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com