전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC14CVMDECTSF01T 데이터시트(PDF) 34 Page - Dialog Semiconductor

부품명 SC14CVMDECTSF01T
상세설명  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T 데이터시트(HTML) 34 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
34 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 15: For the RINGp, RINGn, RINGout function, the Ringing opamp must be enabled with CODEC_TONE_REG[RNG_PD].
For the RINGING input, the RINGING comparator must be enabled CODEC_TONE_REG[RNG_CMP_PD]
Note 16: In analog mode make sure P3_DIR_REG[7-3] is set to 0 to disable Pull-up, pull-down and digital output mode.
3-2
R/W
P3_1_MODE
00 = P3_OUT_DATA_REG[1] on P3[1].
01 = PAOUTp on P3[1]
10 = DP1 on P3[1]
11 = DCACHE_HIT on P3[1] /PAOUTp
1
1-0
R/W
P3_0_MODE
00 = P3_OUT_DATA_REG[0] on P3[0].
01 = PAOUTn on P3[0]
10 = DP0 on P3[0]
11 = ICACHE_HIT on P3[0] /PAOUTn
1
NOTE: This register is not reset with a SW reset
Table 15: P3_MODE_REG (0xFF4868)
Bit
Mode
Symbol
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57