전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-SC592 데이터시트(PDF) 60 Page - Analog Devices

부품명 ADSP-SC592
상세설명  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC592 데이터시트(HTML) 60 Page - Analog Devices

Back Button ADSP-SC592 Datasheet HTML 56Page - Analog Devices ADSP-SC592 Datasheet HTML 57Page - Analog Devices ADSP-SC592 Datasheet HTML 58Page - Analog Devices ADSP-SC592 Datasheet HTML 59Page - Analog Devices ADSP-SC592 Datasheet HTML 60Page - Analog Devices ADSP-SC592 Datasheet HTML 61Page - Analog Devices ADSP-SC592 Datasheet HTML 62Page - Analog Devices ADSP-SC592 Datasheet HTML 63Page - Analog Devices ADSP-SC592 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 143 page
background image
Rev. PrD
|
Page 60 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data
PB_15
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTB Position 15 | LP1 D0 | SPI0 Slave
Select Output 4
Notes: See note2
PC_00
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 0 | LP1 D1 | SPI1 Slave
Select Output 4 | TRACE0 Trace Data 04 |
TWI4 Clock
Notes: See note2
PC_01
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 1 | LP1 D2 | SPI2 Slave
Select Output 4 | TRACE0 Trace Data 05 |
TWI4 Data
Notes: See note2
PC_02
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 2 | LP1 D3 | SPI1 Slave
Select Output 6 | TRACE0 Trace Data 06 |
TWI5 Clock
Notes: See note2
PC_03
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 3 | LP1 D4 | SPI2 Slave
Select Output 6 | TRACE0 Trace Data 07 |
TWI5 Data
Notes: See note2
PC_04
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 4 | LP1 D5 | OSPI0 Slave
Select Output 2
Notes: See note2
PC_05
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 5 | LP1 D6 | OSPI0 Slave
Select Output 3 | TIMER0 Timer 8
Notes: See note2
PC_06
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 6 | LP1 D7 | SPI1 Ready
Notes: See note2
PC_07
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 7 | LP1 Clock | OSPI0
Slave Select Output 4 | System Fault | TIMER0
Timer 9
Notes: Defaults to GPIO on HPC package.
Defaults to SYS_FAULT on LPC package, so
external pull-down required to keep signal
in deasserted state.
PC_08
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 8 | EPPI0 D16 | OSPI0
Clock
Notes: See note2
PC_09
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 9 | EPPI0 D17 | OSPI0 D3
Notes: See note2
PC_10
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 10 | EPPI0 D18 | OSPI0
D2
Notes: See note2
PC_11
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 11 | EPPI0 D19 | OSPI0
MOSI
Notes: See note2
PC_12
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTC Position 12 | EPPI0 D20 | OSPI0
MISO
Notes: See note2
Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Internal
Termination
Reset
Termination
Reset
Drive
Power
Domain
Description and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More