전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPLTL90AT03 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 SPLTL90AT03
상세설명  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTL90AT03 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button SPLTL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 9Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 10Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 11Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 12Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 13Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 14Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SPL TL90AT03
11 Version 0.0 | 2021-09-27
Notes
Depending on the mode of operation, these devices emit highly concentrated visible and non visible light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions given in IEC 60825-1.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. 
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes
Products which incorporate these devices have to follow the safety precautions given in IEC 60825-1 and
IEC 62471.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15