| 전자부품 데이터시트 검색엔진 |
|
ICS83840B 데이터시트(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS83840B 데이터시트(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 7 page ![]() 83840BH www.icst.com/products/hiperclocks.html REV. A JANUARY 30, 2004 6 Integrated Circuit Systems, Inc. ICS83840B DDR SDRAM MUX PACKAGE OUTLINE - H SUFFIX TABLE 7. PACKAGE DIMENSIONS REFERENCE DOCUMENT: JEDEC PUBLICATION 95 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A G B F M U M I N I ML A N I M O NM U M I X A M n r e t t a P 1 1 x 1 1 , m m 7 x 7 , s ll a B 4 6 A 0 . 11 . 12 . 1 1 A 5 6 1 . 02 . 05 3 2 . 0 2 A 6 1 . 02 . 04 2 . 0 3 A 5 7 6 . 07 . 05 2 7 . 0 b 5 2 . 03 . 05 3 . 0 D C S B 0 0 . 7 1 D C S B 0 0 . 5 E C S B 0 0 . 7 1 E C S B 0 0 . 5 e C S B 0 5 . 0 |