| 전자부품 데이터시트 검색엔진 |
|
ICS10001B21 데이터시트(PDF) 16 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS10001B21 데이터시트(HTML) 16 Page - Integrated Circuit Systems |
|
16 / 21 page ![]() 810001BK-21 www.icst.com/products/hiperclocks.html REV. A AUGUST 12, 2005 16 Integrated Circuit Systems, Inc. ICS810001-21 FEMTOCLOCKS™DUAL VCXO VIDEO PLL PRELIMINARY VCXO CRYSTAL SELECTION Choosing a crystal with the correct characteristics is one of the most critical steps in using a Voltage Controlled Crystal Oscillator (VCXO). The crystal parameters affect the tuning range and V C Control voltage used to tune frequency C V Varactor capacitance, varies due to the change in control voltage CRYSTAL PARAMETER EXAMPLES l o b m y Sr e t e m a r a Pn o i t i d n o C t s e Tl a c i p y Tt i n U C W O L V e c n a t i c a p a C r o t c a r a V w o LV C V 0 =4 . 5 1F p C H G I H V e c n a t i c a p a C r o t c a r a V h g i HV C V 3 . 3 =6 . 9 2F p VARACTOR PARAMETERS accuracy of a VCXO. Below are the key variables and an example of using the crystal parameters to calculate the tuning range of the VCXO. C L1, CL2 Load tuning capacitance used for fine tuning or centering nominal frequency C S1, CS2 Stray Capacitance caused by pads, vias, and other board parasitics Oscillator FIGURE 1: VCXO OSCILLATOR CIRCUIT EXAMPLE VCXO (Internal) CV CV CL1 CL2 Optional CS1 CS2 VC “Control Voltage” XTAL l o b m y Sr e t e m a r a Pm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f N y c n e u q e r F l a n i m o N4 4 . 9 1z H M f T e c n a r e l o T y c n e u q e r F0 2 ±m p p f S y t il i b a t S y c n e u q e r F0 2 ±m p p e g n a R e r u t a r e p m e T g n i t a r e p O0 0 7C ° C L e c n a t i c a p a C d a o L2 1F p C O e c n a t i c a p a C t n u h S4 F p C 0 C / 1 o i t a R y t il i b a ll u P0 2 20 4 2 R S Ee c n a t s i s e R s e i r e S t n e l a v i u q E0 2 l e v e L e v i r D1 W m C ° 5 2 @ g n i g Ar a e y r e p 3 ±m p p n o i t a r e p O f o e d o Ml a t n e m e d n u F |