전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9255 데이터시트(PDF) 13 Page - Microchip Technology

부품명 LAN9255
상세설명  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255 데이터시트(HTML) 13 Page - Microchip Technology

Back Button LAN9255 Datasheet HTML 9Page - Microchip Technology LAN9255 Datasheet HTML 10Page - Microchip Technology LAN9255 Datasheet HTML 11Page - Microchip Technology LAN9255 Datasheet HTML 12Page - Microchip Technology LAN9255 Datasheet HTML 13Page - Microchip Technology LAN9255 Datasheet HTML 14Page - Microchip Technology LAN9255 Datasheet HTML 15Page - Microchip Technology LAN9255 Datasheet HTML 16Page - Microchip Technology LAN9255 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 13
LAN9255
116
RXNB
LAN9253
61
117
VDDIO_S
SAM E53J
56
118
TXPB
LAN9253
62
119
TXNB
LAN9253
63
120
PA30
SAM E53J
57
121
PA31
SAM E53J
58
122
PB30
SAM E53J
59
123
PB31
SAM E53J
60
124
VDD33TXRX2
LAN9253
64
125
PB00
SAM E53J
61
126
PB01
SAM E53J
62
127
PB02
SAM E53J
63
128
OSCI
LAN9253
1
Exposed
Pad
VSS
LAN9253
ePad
SAM E53J
22,33,
47,54
TABLE 4-1:
LAN9255 PIN ASSIGNMENTS (CONTINUED)
LAN9255
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name
Digital I/O
Mode Pin Name
Source
Die
Source
Die Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23