| 전자부품 데이터시트 검색엔진 |
|
PIC16F684-E/ST 데이터시트(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684-E/ST 데이터시트(HTML) 39 Page - Microchip Technology |
|
39 / 164 page ![]() 2004 Microchip Technology Inc. Preliminary DS41202C-page 37 PIC16F684 4.2.4.3 RA2/AN2/T0CKI/INT/C1OUT Figure 4-3 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • the clock input for TMR0 • an external edge triggered interrupt • a digital output from comparator 1 FIGURE 4-3: BLOCK DIAGRAM OF RA2 4.2.4.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 4-4: BLOCK DIAGRAM OF RA3 I/O PIN VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog(1) Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA To A/D Converter 0 1 COUT COUT 1 Enable To INT To TMR0 Analog(1) Input Mode RAPU RD PORTA Interrupt-on- Change Q3 Note 1: Analog Input mode is generated by ANSEL. Input VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- Change pin Q3 |