| 전자부품 데이터시트 검색엔진 |
|
ICS1893BKILF 데이터시트(PDF) 127 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF 데이터시트(HTML) 127 Page - Integrated Circuit Systems |
|
127 / 133 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893BF, Rev. C, 9/29/05 September, 2005 127 ICS1893BF Data Sheet Rev. C - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 9.5.18 10Base-T: Jabber Timing Table 9-25 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of signals on the following pins: • TXEN • TP_TX (that is, TP_TXP and TP_TXN) • COL Figure 9-19 shows the timing diagram for the time periods. Note: For more information on 10Base-T jabber operations, see Section 6.5.9, “10Base-T Operation: Jabber”. Figure 9-19. 10Base-T Jabber Timing Diagram Table 9-25. 10Base-T Jabber Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Jabber Activation Time 10Base-T Half Duplex 20 – 35 ms t2 Jabber De-Activation Time 10Base-T Half Duplex 300 – 325 ms TXEN TP_TX COL t1 t2 |