전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP7AVT1AB 데이터시트(PDF) 63 Page - NXP Semiconductors

부품명 SCIMX6DP7AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7AVT1AB 데이터시트(HTML) 63 Page - NXP Semiconductors

Back Button SCIMX6DP7AVT1AB Datasheet HTML 59Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 60Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 61Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 62Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 63Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 64Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 65Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 66Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
63
WE40
EIM_LBA_B Invalid to
EIM_CSx_B Invalid (ADVL is
asserted)
WE7-WE15-CSN
×t-3.5-CSN×t3.5-CSN×tns
WE40A
(muxed
A/D)
EIM_CSx_B Valid to EIM_LBA_B
Invalid
WE14-WE6+(ADVN+ADVA+1-
CSA)
×t
-3.5+(ADVN+AD
VA+1-CSA)
×t
3.5+(ADVN+ADVA
+1-CSA)
×t
ns
WE41
EIM_CSx_B Valid to Output Data
Valid
WE16-WE6-WCSA
×t-3.5-WCSA×t3.5-WCSA×tns
WE41A
(muxed
A/D)
EIM_CSx_B Valid to Output Data
Valid
WE16-WE6+(WADVN+WADVA
+ADH+1-WCSA)
×t
-3.5+(WADVN+
WADVA
+ADH+1-WCSA)
×t
3.5+(WADVN+WADVA
+ADH+1-WCSA)
×t
ns
WE42
Output Data Invalid to EIM_CSx_B
Invalid
WE17-WE7-CSN
×t-3.5-CSN×t3.5-CSN×tns
MAXCO Output maximum delay from
internal driving
EIM_ADDRxx/control flip-flops to
chip outputs.
10
—
10
ns
MAXCSO Output maximum delay from
internal chip selects driving
flip-flops to EIM_CSx_B out.
10
—
10
ns
MAXDI EIM_DATAxx MAXIMUM delay
from chip input data to its internal
flip-flop
5—
5
ns
WE43
Input Data Valid to EIM_CSx_B
Invalid
MAXCO-MAXCSO+MAXDI
MAXCO-MAXCS
O+MAXDI
—ns
WE44
EIM_CSx_B Invalid to Input Data
Invalid
00
—
ns
WE45
EIM_CSx_B Valid to EIM_EBx_B
Valid (Write access)
WE12-WE6+(WBEA-WCSA)
×t -3.5+(WBEA-WC
SA)
×t
3.5+(WBEA-WCSA)
×tns
WE46
EIM_EBx_B Invalid to
EIM_CSx_B Invalid (Write access)
WE7-WE13+(WBEN-WCSN)
×t -3.5+(WBEN-WC
SN)
×t
3.5+(WBEN-WCSN)
×tns
MAXDTI Maximum delay from
EIM_DTACK_B input to its internal
flip-flop + 2 cycles for
synchronization
10
—
10
ns
WE47
EIM_DTACK_B Active to
EIM_CSx_B Invalid
MAXCO-MAXCSO+MAXDTI
MAXCO-MAXCS
O+MAXDTI
—ns
WE48
EIM_CSx_B Invalid to
EIM_DTACK_B invalid
00
—
ns
1 For more information on configuration parameters mentioned in this table, see the i.MX 6DualPlus/6QuadPlus reference manual
(IMX6DQPRM).
Table 42. EIM Asynchronous Timing Parameters Relative to Chip Select1, 2 (continued)
Ref No.
Parameter
Determination by Synchronous
measured parameters
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com