전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32D201 데이터시트(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 32D201
상세설명  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

32D201 데이터시트(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  32D201 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All data is subject to change,Please check our data sheets at
for updates.
MOV 04
Package Dimensions
TABLE 1
Symbol
Dimensions
H(max.)
60.2
H1(max.)
16.5
D(max.)
45
D1(+1.0)
25.4
T(max.)
TABLE 2
d(+0.1)
0.5
d1(+0.3)
3.4
K(max.)
3.18
W(+0.5)
7.0
(M+0.2)
3.8
Unit:mm
D1
H1
W
d1
K
D1
H1
W
d1
K
TABLE 2
Model
T(max.)
Model
T(max.)
201K
6.2
621K
8.7
221K
6.3
681K
9.0
241K
6.4
751K
9.4
271K
6.6
781K
9.6
301K
6.8
821K
9.8
331K
6.9
911K
10.4
361K
7.1
951K
10.6
391K
7.3
102K
11.2
431K
7.5
112K
11.8
471K
7.8
122K
12.3
511K
8.0
142K
13.3
561K
8.3
162K
14.3
Leiditech Electronics are trademarks.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate
the suitability of and test each product selected for their own applications. Leiditech Electronics reserves
the right to change or update, without notice, any information contained in this publication; to change,
without notice, the design, construction, processing, or specification of any product; and to discontinue or
limit production or distribution of any product. This publication supersedes and replaces all information
previously supplied. Without expressed or written consent by an officer of Leiditech Electronics, Leiditech
Electronics does not authorize the use of any of its products as components in nuclear facility applications,
aerospace, or in critical life support devices or systems. Leiditech Electronics expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied
warranties of merchantability or fitness for a particular purpose. Leiditech Electronics’ only obligations
are those in the Leiditech Electronics Standard Terms and Conditions of Sale and in no case will Leiditech
Electronics be liable for any incidental, indirect, or consequential damages.
SHANGHAI LEIDITECH ELECTRONICS CO.,LTD
Tel: +86- 021 50828806
Fax: +86- 021 50477059-8008
Email: sale1@leiditech.com
Website: http://www.leiditech.com



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com