전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5D-5 데이터시트(PDF) 13 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 5D-5
상세설명  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5D-5 데이터시트(HTML) 13 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 5D-5 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd 5D-5 Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
7.3 可靠性试验
Reliability Test
可靠性试验(周期性检测项目)
Reliability Test
指标项目
Item
技术要求
Specification
测试条件
/方法
Test Conditions & Methods
温度循环测试
Temp. Cycling Testing
无可见损伤
No visible mechanical
damage.
Δ
RN / RN ≤20%
(ΔR =∣RN-RN'∣)
在
Ta=-40±3℃和Tb=200±3℃的环境温度中
各存放
30 分钟, 循环5 次.每次高低温循环都
有在
25±2℃的环境中过渡5 分钟。样品进行
温度循环测试后,取出放置室温(
25±2℃)
4~5 小时后测量零功率电阻RN'.
Ta:-40±3℃/ 30min→25±2℃/ 5min→Tb:200
±
3℃/ 30min→25±2℃/ 5min Cycles:
5times After recovering 4~5 h under 25±2℃,
the rated zero power resistance value RN' shall be
measured.
电循环测试
Electrical Cycling Testing
无可见损伤
No visible mechanical
damage.
Δ
RN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度
:25℃±2℃.
循环次数
: 1,000 次
通
/断: 1 分钟/ 5 分钟
测试电流
:4.0A
样品置于室温(
25±2℃)4~5 小时后,测量其
零功率电阻
RN'.
Ambient temp. Range:25℃±2℃.
Cycles: 1,000times On / Off: 1m / 5m
Test Current 4.0A
After recovering 4~5h under 25±2℃, the rated
zero power resistance value RN' shall be
measured.
持久性测试
LoadLife ( Endurance )
Testing
无可见损伤
No visible mechanical
damage.
Δ
RN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度
:25℃±2℃.样品通过最大工作电流
4
.0A , 1,000±24 小时后,取出置于室温(25
±
2℃)4~5 小时后,测量其零功率电阻RN'.
Ambient temp. Range:25℃±2℃; 4.0A/ 1,000
±
24hAfter recovering 4~5 h under 25±2℃, the
ratedzero power resistance value RN' shall be
measured.
耐湿性测试
Humidity Testing
无可见损伤
No visible mechanical
damage.
Δ
RN / RN ≤20%
(ΔR =∣RN-RN'∣)
在温度
40±2℃,相对湿度93±3%的环境中放
置
1000±24 小时后,取出置于室温(25±2℃)
4~5 小时后, 测量其零功率电阻RN'.
Ambient temp. range : 40℃±2℃
R.H.:93±3% , Energized time:1000±24 h
After recovering 4~5 h under 25±2℃, the rated
zero power resistance value RN' shall be
measured
20D-15
Rev 2.0 :
www.leiditech.com
12.01.2019
13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com