| 전자부품 데이터시트 검색엔진 |
|
PCIMX6DP5AYM2AB 데이터시트(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP5AYM2AB 데이터시트(HTML) 21 Page - NXP Semiconductors |
|
21 / 160 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 NXP Semiconductors 21 4.1.2 Thermal Resistance NOTE Per JEDEC JESD51-2, the intent of thermal resistance measurements is solely for a thermal performance comparison of one package to another in a standardized environment. This methodology is not meant to and will not predict the performance of a package in an application-specific environment. 4.1.2.1 FCPBGA Package Thermal Resistance Table 5 provides the FCPBGA package thermal resistance data for the lidded package type. Table 5. FCPBGA Package Thermal Resistance Data (Lidded) Thermal Parameter Test Conditions Symbol Value Unit Junction to Ambient1 1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. Single-layer board (1s); natural convection2 2 Per JEDEC JESD51-3 with the single layer board horizontal. Thermal test board meets JEDEC specification for the specified package. RθJA 24 °C/W Four-layer board (2s2p); natural convection2 RθJA 15 °C/W Junction to Ambient1 Single-layer board (1s); air flow 200 ft/min3 3 Per JEDEC JESD51-6 with the board horizontal. RθJMA 17 °C/W Four-layer board (2s2p); air flow 200 ft/min4 RθJMA 12 °C/W Junction to Board1,4 4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the package. —RθJB 5 °C/W Junction to Case (top)1,5 5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1). The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer. —RθJCtop 1 °C/W |