| 전자부품 데이터시트 검색엔진 |
|
LHCD201610B-R47M-A8L 데이터시트(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LHCD201610B-R47M-A8L 데이터시트(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
6 / 9 page ![]() Electrical Characteristics Part Number Inductance (uH) Tolerance (±%) Test Frequency (MHz) RDC(mΩ) Max(Typ.) Isat(A) Max(Typ.) Irms(A) Max(Typ.) LHCD252010B-R33M-A8L 0.33 20 2 31(25) 5.0(6.0) 3.8(4.4) LHCD252010B-R47M-A8L 0.47 20 2 35(29) 4.2(4.7) 3.4(3.9) LHCD252010B-R68M-A8L 0.68 20 2 48(40) 3.7(4.0) 3.0(3.5) LHCD252010B-1R0M-A8L 1.0 20 2 65(54) 3.2(3.6) 2.6(3.0) LHCD252010B-1R5M-A8L 1.5 20 2 94(78) 2.9(3.3) 2.1(2.4) LHCD252010B-2R2M-A8L 2.2 20 2 120(100) 2.3(2.7) 1.8(2.1) Note: When ordering, please specify tolerance code. Tolerance: M=±20% Operating temperature range-40℃~125℃(Including self - temperature rise) Isat for Inductance drop 30% from its value without current Irms for a 40℃ temperature rise from 25℃ ambient with current Absolute maximum voltage 25VDC Measure Equipment: L:Agilent E4991/HP4286A+16197A (or equivalent), 2MHz 0.2V RDC:CHEN HWA502BC/HP4338B (or equivalent) Isat:Agilent E4980A+HP42841A (or equivalent) Irms:Agilent 6641 SYSTEM DC POWER SUPPLY (or equivalent) Test Instruments:E4991A Impedance / Material Analyzer Inductance v.s DC Current 0.0 0.5 1.0 1.5 2.0 2.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 DC Current(A) R33 R47 1R0 1R5 2R2 Temperature Change v.s DC Current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 DC Current(A) R33 R47 1R0 1R5 2R2 LHCD Series Rev : www.leiditech.com 01.06.2018 6/9 |