전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAC1933 데이터시트(PDF) 48 Page - Microchip Technology

부품명 PAC1933
상세설명  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 데이터시트(HTML) 48 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 44Page - Microchip Technology PAC1933 Datasheet HTML 45Page - Microchip Technology PAC1933 Datasheet HTML 46Page - Microchip Technology PAC1933 Datasheet HTML 47Page - Microchip Technology PAC1933 Datasheet HTML 48Page - Microchip Technology PAC1933 Datasheet HTML 49Page - Microchip Technology PAC1933 Datasheet HTML 50Page - Microchip Technology PAC1933 Datasheet HTML 51Page - Microchip Technology PAC1933 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 48
 2017-2019 Microchip Technology Inc.
bit 3
0 = Channel 1 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 1 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 2
0 = Channel 2 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 2 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 1
0 = Channel 3 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 3 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 0
0 = Channel 4 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 4 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
REGISTER 6-18:
CTRL_LAT REGISTER (ADDRESS 24H)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
Sample_Rate[1:0]
SLEEP
SING
ALERT_PIN
ALERT_CC
OVF ALERT
OVF
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the Register 6-15 CTRL_ACT Register (Address 21h). The bits in this register
reflect the value of these settings that was active before the most recent REFRESH command (including REFRESH_V
and/or REFRESH_G). The values in register 01h may have been programmed but not activated by one of the
REFRESH commands, and the values in 21h are currently active. This register allows software to determine the actual
active setting that was active prior to the most recent REFRESH command and therefore corresponds to the dataset
that is held in the readable registers. This register is valid when the Results registers are valid, 1 ms after a
REFRESH/_V/_G command.
bit 7-6
Sample_Rate[1:0]: shows the value of these settings that was latched prior to the most recent
REFRESH command (including REFRESH_V and/or REFRESH_G)
00b = 1024 samples/s
01b = 256 samples/s
10b = 64 samples/s
11b = 8 samples/s
bit 5
SLEEP: shows the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G).
0 = Active mode
1 = SLEEP mode, no data conversion
bit 4
SING: shows the value of these settings that was latched prior to the most recent REFRESH command
(including REFRESH_V and/or REFRESH_G).
0 = Sequential scan mode
1 = Single-shot mode
bit 3
ALERT_PIN: the value of these settings that was latched prior to the most recent REFRESH command
(including REFRESH_V and/or REFRESH_G).
0 = Disable the ALERT pin function
1 = Enable the ALERT pin function
bit 2
ALERT_CC: shows the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G) for the ALERT_CC bit.
0 = No ALERT on Conversion Cycle Complete
1 = ALERT function asserted for 5 μS on each completion of the conversion cycle
REGISTER 6-17:
NEG_PWR_ACT (ADDRESS 23H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com