전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAMA5D2 데이터시트(PDF) 48 Page - Microchip Technology

부품명 SAMA5D2
상세설명  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 데이터시트(HTML) 48 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology SAMA5D2 Datasheet HTML 48Page - Microchip Technology SAMA5D2 Datasheet HTML 49Page - Microchip Technology SAMA5D2 Datasheet HTML 50Page - Microchip Technology SAMA5D2 Datasheet HTML 51Page - Microchip Technology SAMA5D2 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
9.2
289-ball TFBGA
Note:  For the most current package drawings, please see the Microchip Packaging Specification located at http://
www.microchip.com/packaging.
Table 9-1. 289-ball TFBGA Package Characteristics
Moisture Sensitivity Level
3
Table 9-2. Device and 289-ball TFBGA Package Weight
Device
Weight (mg)
ATSAMA5D27C-D5M (512 Mb)
390
ATSAMA5D28C-D1G (1 Gbit)
400
SAMA5D2 SIP
Mechanical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56