전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z84C9012VSC 데이터시트(PDF) 31 Page - Zilog, Inc.

부품명 Z84C9012VSC
상세설명  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC 데이터시트(HTML) 31 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 24Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 25Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 26Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 27Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 28Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 29Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 30Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 31Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
26
Work Around:
This problem could happen under the following narrowly defined conditions:
• CE signal is active throughout the Interrupt Acknowledge cycle.
• The address on the bus, A3–A0, is “110b”.
• During this time, bit D3 is 1.
• At the end of the Interrupt Acknowledge cycle, M1 goes inactive prior to the IORQ
signal.
• At the time period of CE active, IORQ active, and M1 returns to the inactive state; all
during the rising edge of the clock.
This problem is not the case with the Z80 CPU. However, other CPUs could be affected.
One of the possible workarounds is to add the condition M1 not active to generate a CE
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31