전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL163DB90PCF 데이터시트(PDF) 37 Page - Advanced Micro Devices

부품명 AM29DL163DB90PCF
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL163DB90PCF 데이터시트(HTML) 37 Page - Advanced Micro Devices

Back Button AM29DL163DB90PCF Datasheet HTML 33Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 34Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 35Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 36Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 37Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 38Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 39Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 40Page - Advanced Micro Devices AM29DL163DB90PCF Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
May 26, 2004
Am29DL16xD
37
TEST CONDITIONS
Table 16.
Test Specifications
Key To Switching Waveforms
2.7 k
Ω
CL
6.2 k
Ω
3.3 V
Device
Under
Test
Note: Diodes are IN3064 or equivalent
Figure 11.
Test Setup
Test Condition
70, 80
90, 120
Unit
Output Load
1 TTL gate
Output Load Capacitance, C
L
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–3.0
V
Input timing measurement
reference levels
1.5
V
Output timing measurement
reference levels
1.5
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
3.0 V
0.0 V
1.5 V
1.5 V
Output
Measurement Level
Input
Figure 12.
Input Waveforms and Measurement Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57