전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 9 Page - Microchip Technology

부품명 PD70101
상세설명  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 9 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology PD70101 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
...........continued
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
VTH-LOW-ON
Classification
current source,
turn ON
threshold
range
measured at
VPP
Turn on for
any ICLASS
while VPP
increases
11.4
13.7
V
VHST
Classification
disconnection
minimum
hysteresis
voltage
Hysteresis
between V TH
-low-on and V
TH -low-off
1
V
VTH-HIGH-OFF
Classification
current source,
turn OFF
threshold
range
measured at
VPP
Turn off while
VPP increases
20.9
23.9
V
ICLASS-LIM
Current limit
threshold
50
68
80
mA
ICLASS-DIS
Input current
IPP when
classification
function is
disabled
Class 0
RCLASS =
Open
3.0
mA
ICLASS-EN
Input current
IPP when
classification
function is
enabled
Class 1
RCLASS = 133
Ω ± 1%
9.5
10.5
11.5
mA
Class 2
RCLASS = 69.8
Ω ±1%
17.5
18.5
19.5
mA
Class 3
RCLASS = 45.3
Ω ±1%
26.5
28.0
29.5
mA
Class 4
RCLASS = 30.9
Ω ±1%
38.0
40.0
42.0
mA
RCLASS
Voltage
1.142
1.278
V
Mark
VMARK
Mark, working
range
VPP failing
edge
4.9
10.1
V
IMARK
Mark current
0.25
4
mA
PD70101 and PD70201
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com