전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BISC-100-05/A 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BISC-100-05/A
상세설명  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-100-05/A 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BISC-100-05/A Datasheet HTML 1Page - Balluff Korea Ltd. BISC-100-05/A Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (70/455 kHz)
BIS C-100-05/A
Order Code: BIS0002
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 121589
ETIM 6.0: EC002996
BIS0002_1.16_2021-07-14
2 / 2
Remarks
On the last page only 31x8 bits are usable.
IP68 tested according to BWN Pr 36
Time specification includes data check.
For installation requirements see corresponding read/write head.
Values are under rated conditions unless otherwise specified.
Only together with converter BIS C-901 or BIS C-6xx and the appropriate read/write head.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.



Html Pages

1 2