전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFM-70C 데이터시트(PDF) 5 Page - CUI INC

부품명 CFM-70C
상세설명  DC AXIAL FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

CFM-70C 데이터시트(HTML) 5 Page - CUI INC

  CFM-70C Datasheet HTML 1Page - CUI INC CFM-70C Datasheet HTML 2Page - CUI INC CFM-70C Datasheet HTML 3Page - CUI INC CFM-70C Datasheet HTML 4Page - CUI INC CFM-70C Datasheet HTML 5Page - CUI INC CFM-70C Datasheet HTML 6Page - CUI INC CFM-70C Datasheet HTML 7Page - CUI INC CFM-70C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
date 10/15/2021
│ page 5 of 8
CUI Devices
│ SERIES: CFM-70C │ DESCRIPTION: DC AXIAL FAN
cuidevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
omniCOOL™
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CFM-7015C models: 70 x 70 x 15.5
CFM-7025C models: 70.2 x 70.2 x 25.2
mm
mm
material
PBT (UL94V-0)
weight
CFM-7015C models
CFM-7025C models
48
76
g
g
MECHANICAL DRAWING
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow10
Tach Signal
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974
7.5 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2 7.5 kgf-cm
units: mm
wire: UL 1007, 24 AWG
Notes:
10. Wires only present on versions with output signals.
CFM-7015C
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com