전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH7045 데이터시트(PDF) 73 Page - Renesas Technology Corp

부품명 SH7045
상세설명  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7045 데이터시트(HTML) 73 Page - Renesas Technology Corp

Back Button SH7045 Datasheet HTML 69Page - Renesas Technology Corp SH7045 Datasheet HTML 70Page - Renesas Technology Corp SH7045 Datasheet HTML 71Page - Renesas Technology Corp SH7045 Datasheet HTML 72Page - Renesas Technology Corp SH7045 Datasheet HTML 73Page - Renesas Technology Corp SH7045 Datasheet HTML 74Page - Renesas Technology Corp SH7045 Datasheet HTML 75Page - Renesas Technology Corp SH7045 Datasheet HTML 76Page - Renesas Technology Corp SH7045 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 923 page
background image
35
Table 1.6
Pin Arrangement by Mode for SH7045 (QFP-144 Pin) (cont)
PinNo.
MCU
Writer mode
73
PD15/D15
NC
74
PD14/D14
NC
75
PD13/D13
NC
76
PD12/D12
NC
77
V
CC
V
CC
78
PD11/D11
NC
79
V
SS
V
SS
80
PD10/D10
NC
81
PD9/D9
NC
82
PD8/D8
NC
83
PD7/D7
D7
84
PD6/D6
D6
85
V
CC
V
CC
86
PD5/D5
D5
87
V
SS
V
SS
88
PD4/D4
D4
89
PD3/D3
D3
90
PD2/D2
D2
91
PD1/D1
D1
92
PD0/D0
D0
93
V
SS
V
SS
94
XTAL
XTAL
95
MD3
MD3
96
EXTAL
EXTAL
97
MD2
MD2
98
NMI
V
CC
99
V
CC (FWP)
*
FWE
100
PA16/
AH
NC
101
PA17/
WAIT
NC
102
MD1
MD1
103
MD0
MD0
104
PLLV
CC
PLLV
CC
105
PLLCAP
PLLCAP
106
PLLV
SS
PLLV
SS
107
PA15/CK
NC
Note: * V
CC in the mask version; FWP in the F-ZTAT version (however, FWE in the writer mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More