전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN8815 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STN8815
상세설명  Nomadik mobile multimedia application processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815 데이터시트(HTML) 6 Page - STMicroelectronics

  STN8815 Datasheet HTML 1Page - STMicroelectronics STN8815 Datasheet HTML 2Page - STMicroelectronics STN8815 Datasheet HTML 3Page - STMicroelectronics STN8815 Datasheet HTML 4Page - STMicroelectronics STN8815 Datasheet HTML 5Page - STMicroelectronics STN8815 Datasheet HTML 6Page - STMicroelectronics STN8815 Datasheet HTML 7Page - STMicroelectronics STN8815 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Stacked memory options
STn8815
6/8
Stacked memory options
The STn8815S12 and STn8815S22 build on the STn8815 by stacking their respective
amounts of both SDRAM and Flash memories in pin-compatible packages, a technology
that STMicroelectronics has mastered for commercial use. In addition to saving space, the
footprint of the stacked chips is the same as that for the STn8815, a critical factor for today’s
compact clamshell designs. These stacked versions give manufacturers unprecedented
flexibility on the production line.
The stacked versions promise lower product costs, added system security, faster data
throughput, and future performance enhancements.



Html Pages

1 2 3 4 5 6 7 8