| 전자부품 데이터시트 검색엔진 |
|
MAX96708 데이터시트(PDF) 56 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX96708 데이터시트(HTML) 56 Page - Maxim Integrated Products |
|
56 / 68 page ![]() rsvd_cd (0xCD) BIT 7 6 5 4 3 2 1 0 Field RSVD RSVD[6:0] Reset 0b XXXXXXXb Access Type Write, Read Read Only BITFIELD BITS DESCRIPTION DECODE RSVD 7 Reserved: Do not change from default value 0: Reserved RSVD 6:0 Reserved: Do not change from default value XXXXXXX: Reserved rsvd_fd (0xFD) BIT 7 6 5 4 3 2 1 0 Field RSVD[7:0] Reset 0b Access Type Write, Read BITFIELD BITS DESCRIPTION DECODE RSVD 7:0 Reserved: Do not change from default value 0: Reserved rsvd_fe (0xFE) BIT 7 6 5 4 3 2 1 0 Field RSVD[3:0] RSVD[3:0] Reset 0b 0b Access Type Write, Read Write, Read BITFIELD BITS DESCRIPTION DECODE RSVD 7:4 Reserved: Do not change from default value 0: Reserved RSVD 3:0 Reserved: Do not change from default value 0: Reserved rsvd_ff (0xFF) BIT 7 6 5 4 3 2 1 0 Field RSVD RSVD RSVD RSVD RSVD[3:0] Reset 0b 0b 0b 0b XXXXb Access Type Write, Read Write, Read Write, Read Write, Read Read Only BITFIELD BITS DESCRIPTION DECODE RSVD 7 Reserved: Do not change from default value 0: Reserved RSVD 6 Reserved: Do not change from default value 0: Reserved RSVD 5 Reserved: Do not change from default value 0: Reserved RSVD 4 Reserved: Do not change from default value 0: Reserved RSVD 3:0 Reserved: Do not change from default value XXXX: Reserved www.maximintegrated.com Maxim Integrated │ 56 MAX96708 14-Bit GMSL Deserializer with Coax or STP Cable Input |