전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSM6576 데이터시트(PDF) 1 Page - OKI electronic componets

부품명 MSM6576
상세설명  Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6576 데이터시트(HTML) 1 Page - OKI electronic componets

  MSM6576 Datasheet HTML 1Page - OKI electronic componets MSM6576 Datasheet HTML 2Page - OKI electronic componets MSM6576 Datasheet HTML 3Page - OKI electronic componets MSM6576 Datasheet HTML 4Page - OKI electronic componets MSM6576 Datasheet HTML 5Page - OKI electronic componets MSM6576 Datasheet HTML 6Page - OKI electronic componets MSM6576 Datasheet HTML 7Page - OKI electronic componets MSM6576 Datasheet HTML 8Page - OKI electronic componets MSM6576 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
MSM6576
¡ Semiconductor
GENERAL DESCRIPTION
MSM6576 is a 4-bit, low-power microcontroller that is manufactured in a CMOS silicon-gate
process. The microcontroller can be started and operated at a low supply voltage of 0.9 V.
This device contains a crystal oscillator circuit, voltage converter circuits, a time base counter,
a ROM, a RAM, a stack RAM, I/O ports, interrupt function components, a serial I/O port, a
buzzer output circuit, a level detector, and a differential amplifier.
This IC is driven by one battery and is well suited to products that need to be operated under
low power consumption.
FEATURES
• The IC can be initialized and operated even at a low voltage of 0.9 V.
• Low power consumption
• ROM
: 2048 words ¥ 17 bits
• RAM
: 64 words ¥ 4 bits
• I/O port
Input-output port
: 7 ports ¥ 4 bits
Input port
: 1 port ¥ 1 bit
• Interrupt functions (real-time interrupt, external interrupt, and serial interrupt)
• Serial I/O port
: 8-bit sync communication
• Buzzer output circuit
• Level detector
: 7-level detection
• Comparator
• 73 instructions
• Minimum instruction execution time : 61 ms
• Operation under single 1.5 V power supply
• Built-in 32.768 kHz crystal oscillator circuit
• Package options:
44-pin plastic QFP (QFP44-P-910-0.80-K)
(Product name : MSM6576-¥¥GS-K)
44-pin plastic QFP (QFP44-P-910-0.80-2K)
(Product name : MSM6576-¥¥GS-2K)
Chip
¥¥ indicates a code number.
¡ Semiconductor
MSM6576
Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
E2E0021-38-94
This version: Sep. 1998
Previous version: Mar. 1996


유사한 부품 번호 - MSM6576

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSM6575 OKI-MSM6575 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575-XXGS-2K OKI-MSM6575-XXGS-2K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575-XXGS-K OKI-MSM6575-XXGS-K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575L OKI-MSM6575L Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575L-XXGS-2K OKI-MSM6575L-XXGS-2K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

유사한 설명 - MSM6576

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com