전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSM66P56 데이터시트(PDF) 21 Page - OKI electronic componets

부품명 MSM66P56
상세설명  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P56 데이터시트(HTML) 21 Page - OKI electronic componets

Back Button MSM66P56 Datasheet HTML 17Page - OKI electronic componets MSM66P56 Datasheet HTML 18Page - OKI electronic componets MSM66P56 Datasheet HTML 19Page - OKI electronic componets MSM66P56 Datasheet HTML 20Page - OKI electronic componets MSM66P56 Datasheet HTML 21Page - OKI electronic componets MSM66P56 Datasheet HTML 22Page - OKI electronic componets MSM66P56 Datasheet HTML 23Page - OKI electronic componets MSM66P56 Datasheet HTML 24Page - OKI electronic componets MSM66P56 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
¡ Semiconductor
MSM6679A-110 Voice Recognition Processor
19
MSM6679A-110 Japanese Navigation Vocabulary
MSM6679A-110 Japanese Celluar Vocabulary
SI vocabulary generation starts with collecting reference utterances from
≥400 speakers with:
• An equal mixture of males and females
• Accents from all regions of the country of intended use
• ~15% non-native speakers.
The samples should be generated from a randomly-ordered list, with each word spoken twice
and with a dummy word at the beginning and end. There must be >2 sec between each sample
for accurate data processing. To provide the audio fidelity required for high-quality recognition
training, a DAT recorder, together with the microphone that will be used in the final application,
is required. To ensure data integrity, data is submitted to Oki after collecting samples from the
first 20 speakers for initial screening. If acceptable, then the remaining collection may proceed.
If substitution errors are possible, collection of spare words during initial collection is
recommended. For example, alternate words to “Stop” and “Top” could be “Halt” and “First.”
Collections should contain a wide variety of the background sound conditions that will exist
during actual usage. For example, if the collection is for use in an automobile, conditions such
as vehicle speed, road conditions, various window opening positions, heater or AC blower
speeds and radio volumes should be varied during the collection. The signal-to-noise ratio
should be maintained at
≥ 20dB.
Sub-Vocabulary 1 Sub-Vocabulary 2 Sub-Vocabulary 3 Sub-Vocabulary 4
Phrase
Genzaichi
Index
Phrase
Index
Phrase
Index
Phrase
Index
1
Ue
1
Hyoujun
1
Hai
1
Jiaku
2
Shita
2
Kakudai
2
Iie
2
Kaisya
3
Hidari
3
Shukushou
3
Ofu
3
Houi
4
Migi
4
Zentai
4
—
—
Sentaku
5
—
—
Kaiten
5
—
—
Yuudou
6
—
—
Kyori
6
—
—
Nabi
7
—
—
Hosei
7
—
—
—
—
—
—
Teisei
8
—
—
Sub-Vocabulary 1
Sub-Vocabulary 2
Phrase
On
Index
Phrase
Index
Phrase
Index
1
Ichi
1
Kyuu
9
Ofu
2
Ni
2
Zero
A
Daiyaru
3
San
3
Sharp
B
Tansyuku
4
Yon
4
Star
C
Denwacho
5
Go
5
Kakunin
D
Kakunin
6
Roku
6
Touroku
E
Nabi
7
Nana
7
Rei
F
—
—
Hachi
8
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com