전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSM66P56 데이터시트(PDF) 21 Page - OKI electronic componets

부품명 MSM66P56
상세설명  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P56 데이터시트(HTML) 21 Page - OKI electronic componets

Back Button MSM66P56 Datasheet HTML 17Page - OKI electronic componets MSM66P56 Datasheet HTML 18Page - OKI electronic componets MSM66P56 Datasheet HTML 19Page - OKI electronic componets MSM66P56 Datasheet HTML 20Page - OKI electronic componets MSM66P56 Datasheet HTML 21Page - OKI electronic componets MSM66P56 Datasheet HTML 22Page - OKI electronic componets MSM66P56 Datasheet HTML 23Page - OKI electronic componets MSM66P56 Datasheet HTML 24Page - OKI electronic componets MSM66P56 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
¡ Semiconductor
MSM6679AL-110 Voice Recognition Processor
19
Name Tag Recording
To facilitate SD recognition, the MSM6679AL-110 supports recording and playback of name tags.
Name tags are used to confirm correct responses in SD recognition. For example, in a phone
dialer application, the user associates a “name” (which is recorded into memory) with a phone
number. The MSM6679AL-110 then plays back the name tag so that the user can verify that the
recognized phrase is the correct one.
The VRP stores names tags in memory using an ADPCM compression algorithm with 28 kbps
of speech. The length of a name tag is controlled with a command from the users host MCU
program. The maximum number of name tags possible is 61, but the actual number is dependent
upon record time and memory available. See the section on memory interface for more detail.
Audio Input Interface
A critical item for high-accuracy speech recognition is correct design of the audio input circuit.
A circuit with appropriate gain and frequency responses must be placed between the microphone
and MSM6679AL-110’s A/D input. Oki recommends input gain and a band pass filter with the
following characteristics:
• Four pole Chebyshev high-pass filter, 3 dB point at 225 Hz
• Dual-pole low-pass filter, 3 dB point at 4250 Hz
• Midband gain of 46 dB at 1000 Hz
The above gain and filter characteristics are obtained by using a rail-to-rail quad CMOS op-amp
and one-half supply rail splitter to bias the input signal at 1/2 VDD nominal.
The MSM6679AL-110 uses multiple analog inputs to improve sampling quality. An on-chip
analogy to digital (A/D) conversion unit transforms the analog signal to a digital data stream.
Audio Output Interface
The MSM6679AL-110 also provides the VOICEOUT1 PWM output. The MSM6679AL-110 uses
ADPCM to generate voice or sound-effect output. ADPCM represents an improvement over
conventional PCM techniques in that it adaptively changes the quantizer step (scale factor) to suit
the waveform being encoded. The result is more efficient memory usage with no loss of quality.
Careful selection of the components for internal and external output filters and amplifiers is
recommended. An incorrect choice would impair the original quality. This consideration equally
includes:
• Careful separation of analog and digital lines
• Grounding of analog lines at both ends
• Further adequate separation from high-speed digital circuits to avoid distortions thereof
Memory Interface
The memory control section manages RAM and/or ROM devices in two 64-Kbyte memory
spaces, in conjunction with internal memory for voice templates and working memory. Some
versions work with no external memory, some have some external RAM, some use only external
EPROM, and some use external memory in conjunction with both internal ROM and RAM. The
MSM6679AL-110 requires a minimum of 32 Kbytes SRAM and 16 Kbytes ROM.
The following table shows vocabulary sizes and playback facilities for various configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com