| 전자부품 데이터시트 검색엔진 |
|
MIC33M350 데이터시트(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC33M350 데이터시트(HTML) 29 Page - Microchip Technology |
|
29 / 32 page ![]() 2020-2021 Microchip Technology Inc. DS20006348B-page 29 MIC33M350 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X XX Package Device Device: MIC33M350 Junction Temperature Range: Y= -40 C to +125C (Extended) Package: MP = QFN (Plastic Quad Flat, No Lead Package) Tape and Reel Option: Blank = Tube TR = Tape and Reel Qualification: Blank = Tube VAO = AEC-Q104 Automotive Qualification Vxx = AEC-Q104 Automotive Qualification; custom device, additional terms or conditions may apply. Examples: a) MIC33M350YMP-TR: Extended Temperature, 24-Lead QFN package, Tape and Reel b) MIC33M350YMP-VAO: Extended Temperature 24-Lead QFN package, Tape and Reel, Automotive Qualified c) MIC33M350YMP-TRVAO: Extended Temperature, 24-Lead QFN package, Tape and Reel, Automotive Qualified Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. XX Tape and Reel Option(1) Junction Temperature Range XXX Qualification |