전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSM65516 데이터시트(PDF) 2 Page - OKI electronic componets

부품명 MSM65516
상세설명  High performance 8-Bit Microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65516 데이터시트(HTML) 2 Page - OKI electronic componets

  MSM65516 Datasheet HTML 1Page - OKI electronic componets MSM65516 Datasheet HTML 2Page - OKI electronic componets MSM65516 Datasheet HTML 3Page - OKI electronic componets MSM65516 Datasheet HTML 4Page - OKI electronic componets MSM65516 Datasheet HTML 5Page - OKI electronic componets MSM65516 Datasheet HTML 6Page - OKI electronic componets MSM65516 Datasheet HTML 7Page - OKI electronic componets MSM65516 Datasheet HTML 8Page - OKI electronic componets MSM65516 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OSC0
OSC1
RESET
HSTOP*
VDD
GND
OSC
CONT.
ROM
(32K bytes)
EXT.MEM.
CONT.
CPU CORE
INST.
DEC.
T/C
IR
ALU
GMAR
PC
AR
BR
PSW
SP
LMAR
BUS
CONT.
I/O PORT
RAM
(384 bytes)
TBC
WDT
16-bit TIMER
16-bit FRC
CAP¥1, CMP¥2
SIO
AD0-7*
A8-15*
RD
WR*
ALE
EA
T2CK*
GATE*
CAP*
CMP0*
CMP1*
TXD*
RXD*
P2 P3 P4 P5
* Secondary functions of ports
** One timer is used for the SIO baud rate
generator.
8
8
8
8
8
8-bit TIMER¥3**
T1OUT*
T0CK*
8-bit SHIFT-REG.
INTERRUPT CONT.
SFTO*
SFTI*
SFTCK*
INT0*
INT1*
INT2*
MUL/DIV
P1
P0
P6
RAM
(256 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23