전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8544EBVTALGA 데이터시트(PDF) 86 Page - NXP Semiconductors

부품명 MPC8544EBVTALGA
상세설명  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTALGA 데이터시트(HTML) 86 Page - NXP Semiconductors

Back Button MPC8544EBVTALGA Datasheet HTML 82Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 83Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 84Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 85Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 86Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 87Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 88Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 89Page - NXP Semiconductors MPC8544EBVTALGA Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
86
Freescale Semiconductor
Package Description
Ethernet Management Interface
EC_MDC
AC7
O
OVDD
4, 8, 14
EC_MDIO
Y9
I/O
OVDD
—
Gigabit Reference Clock
EC_GTX_CLK125
T2
I
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_RXD[7:0]
U10, U9, T10, T9, U8, T8, T7, T6
I
LVDD
—
TSEC1_TXD[7:0]
T5, U5, V5, V3, V2, V1, U2, U1
O
LVDD
4, 8, 14
TSEC1_COL
R5
I
LVDD
—
TSEC1_CRS
T4
I/O
LVDD
16
TSEC1_GTX_CLK
T1
O
LVDD
—
TSEC1_RX_CLK
V7
I
LVDD
—
TSEC1_RX_DV
U7
I
LVDD
—
TSEC1_RX_ER
R9
I
LVDD
4, 8
TSEC1_TX_CLK
V6
I
LVDD
—
TSEC1_TX_EN
U4
O
LVDD
22
TSEC1_TX_ER
T3
O
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 3)
TSEC3_RXD[7:0]
P11, N11, M11, L11, R8, N10, N9, P10
I
LVDD
—
TSEC3_TXD[7:0]
M7, N7, P7, M8, L7, R6, P6, M6
O
LVDD
4, 8, 14
TSEC3_COL
M9
I
LVDD
—
TSEC3_CRS
L9
I/O
LVDD
16
TSEC3_GTX_CLK
R7
O
LVDD
—
TSEC3_RX_CLK
P9
I
LVDD
—
TSEC3_RX_DV
P8
I
LVDD
—
TSEC3_RX_ER
R11
I
LVDD
—
TSEC3_TX_CLK
L10
I
LVDD
—
TSEC3_TX_EN
N6
O
LVDD
22
TSEC3_TX_ER
L8
O
LVDD
4, 8
DUART
UART_CTS[0:1]
AH8, AF6
I
OVDD
—
UART_RTS[0:1]
AG8, AG9
O
OVDD
—
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More